Part Number Hot Search : 
128J3 MOC8101 SUT390J RX1020 016C2 2SC3328 S1002 2SK4014
Product Description
Full Text Search
 

To Download EO1804NPAS-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photoelectrics Diffuse-reflective Type EO1804.PAS, DC, Metal-housing
* * * * * * * * * Range: 400 mm adjustable Modulated, infrared light Supply voltage: 10 to 40 VDC Output: 200 mA NPN or PNP Make and break switching function, LED indication Protection: Reverse polarity, short-circuit, transients High immunity to ambient light Heavy duty M18 metal housing, IP67 Cable and plug versions
Product Description
The EO1804 is a family of general purpose Diffusereflective sensors in a short M18 metal housing for heavy duty applications. They are useful for simple applications where a basic sensor provides adequate sensing performance. The sensors are easy to adjust with 270 single turn potentiometer. The output is a 4wire complementary (NO and NC) output in NPN (current sinking) or PNP (current souring).
Ordering Key
Type Housing diameter Range Output type Housing material Connection type
EO 18 04 NPA S-1
Type Selection
Housing diameter M18 Rated operating dist. (Sn) 400 mm Ordering no. NPN/cable Make & break swit. EO 1804 NPAS Ordering no. NPN/plug Make & break swit. EO 1804 NPAS-1 Ordering no. PNP/cable Make & break swit. EO 1804 PPAS Ordering no. PNP/plug Make & break swit. EO 1804 PPAS-1
Specifications
Rated operating dist. (Sn) Adjustable Light type Up to 400 mm Reference target: Kodak test card R27, white, 90% reflectivity 200 x 200 mm 270 turn potentiometer 0.4%/K 3 to 20% 10 to 40 VDC (ripple included) Max. 10% Max. 200 mA 200 mA, max. load capacity 100 nF Max. 20 mA 0.5 mA Max. 100 A Max. 2.5 V @ 200 mA Reverse polarity, short circuit, transients Max. 1 kV/0.5 J GaAlAs LED, 880 nm Sensing angle Ambient light Operating frequency (f) Response time OFF-ON (tON) ON-OFF (tOFF) Power ON delay (tV) Indication function Output ON Environment Overvoltage category Pollution degree Degree of protection Temperature Operating Storage Vibration Shock Dielectric voltage Infrared, modulated synchronized 25 at 1/2 range Max. 10,000 lux 120 Hz, light/dark ratio 1:2 3.2 ms 5 ms Typ. 100 ms Dark and light (complementary switch) LED, yellow III (IEC 60664/60664A; 60947-1) 3 (IEC 60664/60664A; 60947-1) IP 67 (IEC 60529; 60947-1) -20 to +60C (-4 to 140F) -30 to + 70C (-22 to 158F) 10 to 150 Hz, 0.5 mm/7.5 g (IEC 60068-2-6) 2 x 1 m & 100 x 0.5 m (IEC 60068-2-32) 500 VAC (IEC 60365-4-41)
Sensitivity Temperature drift Hysteresis (H) (Differential travel) Rated operational volt. (UB) Ripple (Urpp) Output current Continuous (Ie) Short-time (I) No load supply current (IO) Min. operational current (Im) OFF-state current (Ir) Voltage drop (Ud) Protection Transient voltage Light source
Specifications are subject to change without notice (08.02.06)
1
EO 1804.PAS, DC
Specifications (cont.)
Housing material Body Front Cable end Nuts Connection Cable Plug Cables for plug (-1) Weight Cable version Plug version Approvals CE-marking Nickel plated brass Luran(R), black Polyester, black Nickel plated brass Grey, 2 m, 4 x 0.35 mm2 oilproof PVC M12 x 1 CON.1-.... series 140 g 55 g UL, CSA Yes
Wiring Diagrams
1 BN 4 BK 2 WH
+
3 BU
1 BN
PNP
+
2 WH 4 BK 3 BU
-
NPN
Operation Diagram
Power supply Object present, light received Output ON: Make switching (NO) BK (4) Break switching (NC) WH (2)
Tv Tv
Dimensions
Detection Diagram
Sensor X Y R27 Kodac test card
(inch) 4 8 12 16 20 2.4 1.6 0.8 0 -0.8 -1.6 -2.4 500.0 (inch)
60.0 40.0 20.0 (mm) 0.0 -20.0 -40.0 -60.0 0.0 100.0 200.0 300.0 Distance (mm) 400.0
Note: Sensitivity only 400 mm adjustable
Delivery Contents
* Photoelectric switch EO1804.PAS(-1) * 2 nuts * Packaging: plastic bag
Accessories
* * * * MB18A Connector type CON.1A../CON.14NF.. series Screw driver for adjustments: 77-000 APA18-RAR
For further information refer to "Accessories"
2
Specifications are subject to change without notice (08.02.06)


▲Up To Search▲   

 
Price & Availability of EO1804NPAS-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X